PART |
Description |
Maker |
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
|
Linear Technology, Corp.
|
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
LTC6400-26 LTC6400CUD-26-PBF LTC6400CUD-26-TRPBF L |
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology
|
LTC6400-20 |
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Maxim Integrated Products
|
LT1993-2 |
800MHz Low Distortion - Low Noise Differential Amplifier/ADC Driver
|
Linear Technology
|
LT1993-10 |
700MHz Low Distortion - Low Noise Differential Amplifier/ADC Driver
|
Linear Technology
|
LT1993-10 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V)
|
linear
|
LTC6605IDJC-14PBF LTC6605IDJC-14TRPBF |
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifier
|
Linear Technology
|
MAX4250 MAX4250EUK MAX4250EUK-T MAX4251 MAX4252 MA |
Differential Bus Transceivers 8-SOIC DUAL OP-AMP, 750 uV OFFSET-MAX, 22 MHz BAND WIDTH, PDSO14 SOT23 / Single-Supply / Low-Noise / Low-Distortion / Rail-to-Rail Op Amps SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http://
|
LTC6400-8 LTC6400CUD-8-PBF LTC6400CUD-8-TRPBF LTC6 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology, Corp.
|
LT6600-20 |
Very Low Noise Differential Amplifier and 20MHz Lowpass Filter
|
Linear Technology
|